Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HCT125A Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. KK74HCT125A
Description  Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HCT125A Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

  KK74HCT125A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HCT125A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HCT125A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HCT125A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HCT125A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HCT125A Datasheet HTML 6Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KK74HCT125A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT= VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High-
Level Output Voltage
VIN=VIH
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN=VIH
⎢I
OUT⎢ ≤ 6.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low-
Level Output Voltage
VIN=VIL
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIL
⎢I
OUT⎢ ≤ 6.0 mA
4.5
0.26
0.33
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
±1.0
µA
IOZ
Maximum Three-
State Leakage
Current
Output in High-Impedance
State
VIN=VIL or VIH
VIN=VCC or GND
5.5
±0.5
±5.0
±10
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
5.5
4.0
40
160
µA
∆I
CC
Additional Quiescent
Supply Current
VIN = 2.4 V, Any One Input
VIN=VCC or GND, Other
Inputs
≥-55°C
25
°C to
125
°C
mA
IOUT=0µA
5.5
2.9
2.4
3


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn