Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HC4051A Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK74HC4051A
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HC4051A Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

  KK74HC4051A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 9Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KK74HC4051A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Channel-Select to
Analog Output (Figures 8 and 9)
2.0
4.5
6.0
370
74
63
465
93
79
550
110
94
ns
tPLH, tPHL
Maximum Propagation Delay , Analog Input to
Analog Output (Figures 10 and 11)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tPLZ, tPHZ
Maximum Propagation Delay , Enable to Analog
Output (Figures 12 and 13)
2.0
4.5
6.0
290
58
49
364
73
62
430
86
73
ns
tPZL, tPZH
Maximum Propagation Delay , Enable to Analog
Output (Figures 12 and 13)
2.0
4.5
6.0
345
69
59
435
87
74
515
103
87
ns
CIN
Maximum Input Capacitance, Channel-Select or
Enable Inputs
-
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
All Switches Off
-
35
35
35
pF
Common O/I
-
130
130
130
Feedthrough
-
1.0
1.0
1.0
Power Dissipation Capacitance (Per Package)
(Figure 14)
Typical @25
°C,V
CC=5.0 V, VEE=0
V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
45
pF
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn