Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HC4051A Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. KK74HC4051A
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HC4051A Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

  KK74HC4051A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74HC4051A Datasheet HTML 9Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KK74HC4051A
DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND) VEE=GND,
Except Where Noted
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage,
Channel-Select or
Enable Inputs
RON = Per Spec
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -Level
Input Voltage,
Channel-Select or
Enable Inputs
RON = Per Spec
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
IIN
Maximum Input
Leakage Current,
Channel-Select or
Enable Inputs
VIN=VCC or GND,
VEE=-6.0 V
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current (per
Package)
Channel Select = VCC or GND
Enable = VCC or GND
VIS = VCC or GND
VIO= 0 V
VEE = GND
VEE = - 6.0
6.0
6.0
2
8
20
80
40
160
µA
DC ELECTRICAL CHARACTERISTICS Analog Section
VCC
VEE
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
V
25
°C to
-55
°C
≤85
°C
≤125
°C
Unit
RON
Maximum “ON” Resistance
VIN=VIL or VIH
VIS = VCC or VEE
IS ≤ 2.0 mA(Figure 1)
4.5
4.5
6.0
0.0
-4.5
-6.0
190
120
100
240
150
125
280
170
140
VIN=VIL or VIH
VIS = VCC or VEE
(Endpoints)
IS ≤ 2.0 mA(Figure 1)
4.5
4.5
6.0
0.0
-4.5
-6.0
150
100
80
190
125
100
230
140
115
∆R
ON
Maximum Difference in
“ON” Resistance Between
Any Two Channels in the
Same Package
VIN=VIL or VIH
VIS = 1/2 (VCC- VEE)
IS ≤ 2.0 mA
4.5
4.5
6.0
0.0
-4.5
-6.0
30
12
10
35
15
12
40
18
14
IOFF
Maximum Off- Channel
Leakage Current, Any One
Channel
VIN=VIL or VIH
VIO= VCC- VEE
Switch Off (Figure 2)
6.0
-6.0
0.1
0.5
1.0
µA
Maximum Off- Channel
Leakage Current, Common
Channel
VIN=VIL or VIH
VIO = VCC- VEE
Switch Off (Figure 3)
6.0
-6.0
0.2
2.0
4.0
ION
Maximum On- Channel
Leakage Current, Channel to
Channel
VIN=VIL or VIH
Switch to Switch =
VCC- VEE (Figure 4)
6.0
-6.0
0.2
2.0
4.0
µA
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn