Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HC652A Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK74HC652A
Description  Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HC652A Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

  KK74HC652A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HC652A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HC652A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HC652A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HC652A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HC652A Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74HC652A Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74HC652A Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74HC652A Datasheet HTML 9Page - KODENSHI KOREA CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KK74HC652A
TIMING REQUIREMENTS (Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to-55°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Input A to
A-to-B Clock (or Input B to B-to-A
Clock) (Figure 7)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
th
Minimum Hold Time, A-to-B Clock
to Input A (or B-to-A Clock to
Input B) (Figure 7)
2.0
4.5
6.0
25
5
5
30
6
5
40
8
7
ns
tw
Minimum Pulse Width, A-to-B Clock
(or B-to-A Clock)
(Figure 7)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tr, tf
Maximum Input Rise and Fall Times
(Figures 2 and 3)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns
TIMING DIAGRAM
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn