Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74HC595A Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # KK74HC595A
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC595A Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  KK74HC595A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC595A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC595A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC595A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC595A Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC595A Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC595A Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74HC595A Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74HC595A Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KK74HC595A
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time,Serial Data
Input A to Shift Clock (Figure 5)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
tsu
Minimum Setup Time, Shift Clock to
Latch Clock (Figure 6)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
th
Minimum Hold Time, Shift Clock to
Serial Data Input A (Figure 5)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
trec
Minimum Recovery Time, Reset
Inactive to Shift Clock (Figure 2)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
tw
Minimum Pulse Width, Reset (Figure
2)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tw
Minimum Pulse Width, Shift Clock
(Figure 1)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
tw
Minimum Pulse Width, Latch Clock
(Figure 6)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns
5


Similar Part No. - KK74HC595A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC597A KODENSHI-KK74HC597A Datasheet
310Kb / 10P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
KK74HC597AD KODENSHI-KK74HC597AD Datasheet
310Kb / 10P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
KK74HC597AN KODENSHI-KK74HC597AN Datasheet
310Kb / 10P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC595A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Motorola, Inc
MC54HC589 MOTOROLA-MC54HC589 Datasheet
266Kb / 10P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4094A IKSEMICON-IN74HC4094A Datasheet
215Kb / 8P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC4094 INTEGRAL-IN74HC4094 Datasheet
181Kb / 7P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC4094 SLS-SL74HC4094 Datasheet
315Kb / 7P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC4094A KODENSHI-KK74HC4094A Datasheet
312Kb / 8P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com