Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72324BK Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 1 Page - STMicroelectronics

  ST72324BK Datasheet HTML 1Page - STMicroelectronics ST72324BK Datasheet HTML 2Page - STMicroelectronics ST72324BK Datasheet HTML 3Page - STMicroelectronics ST72324BK Datasheet HTML 4Page - STMicroelectronics ST72324BK Datasheet HTML 5Page - STMicroelectronics ST72324BK Datasheet HTML 6Page - STMicroelectronics ST72324BK Datasheet HTML 7Page - STMicroelectronics ST72324BK Datasheet HTML 8Page - STMicroelectronics ST72324BK Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 188 page
background image
October 2007
Rev 6
1/188
1
ST72324Bxx
8-bit MCU, 3.8 to 5.5 V operating range with
8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
Features
Memories
8 to 32 Kbyte dual voltage High Density Flash
(HDFlash) or ROM with readout protection
capability. In-application programming and In-
circuit programming for HDFlash devices
384 bytes to 1 Kbyte RAM
HDFlash endurance: 1 kcycles at 55 °C, data
retention 40 years at 85°C
Clock, reset and supply management
Enhanced low voltage supervisor (LVD) with
programmable reset thresholds and auxiliary
voltage detector (AVD) with interrupt capability
Clock sources: crystal/ceramic resonator
oscillators, int. RC osc. and ext. clock input
PLL for 2x frequency multiplication
4 power saving modes: Slow, Wait, Active Halt,
and Halt
Interrupt management
Nested interrupt controller. 10 interrupt vectors
plus TRAP and RESET. 9/6 ext. interrupt lines
(on 4 vectors)
Up to 32 I/O ports
32/24 multifunctional bidirectional I/Os,
22/17 alternate function lines,
12/10 high sink outputs
4 timers
Main clock controller with Real-time base,
Beep and Clock-out capabilities
Configurable watchdog timer
16-bit Timer A with 1 input capture, 1 output
compare, ext. clock input, PWM and pulse
generator modes
16-bit Timer B with 2 input captures, 2 output
compares, PWM and pulse generator modes
2 communication interfaces
SPI synchronous serial interface
SCI asynchronous serial interface
1 analog peripheral (low current coupling)
10-bit ADC with up to 12 input ports
Development tools
In-circuit testing capability
LQFP44
10 x 10
LQFP32
7 x 7
SDIP42
600 mil
SDIP32
400 mil
Table 1.
Device summary
Device
Memory
RAM (stack)
Voltage range
Temp. range
Package
ST72324BK2
Flash/ROM 8 Kbytes
384 (256) bytes
3.8 to 5.5V
up to
-40 to 125°C
LQFP32
7x7/
SDIP32
ST72324BK4
Flash/ROM 16 Kbytes
512 (256) bytes
ST72324BK6
Flash/ROM 32 Kbytes
1024 (256) bytes
ST72324BJ2
Flash/ROM 8 Kbytes
384 (256) bytes
LQFP44
10x10/
SDIP42
ST72324BJ4
Flash/ROM 16 Kbytes
512 (256) bytes
ST72324BJ6
Flash/ROM 32 Kbytes
1024 (256) bytes
www.st.com


Similar Part No. - ST72324BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324BL STMICROELECTRONICS-ST72324BL Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
ST72324BLJ2 STMICROELECTRONICS-ST72324BLJ2 Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
ST72324BLJ2B1 STMICROELECTRONICS-ST72324BLJ2B1 Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
ST72324BLJ2B1 STMICROELECTRONICS-ST72324BLJ2B1 Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
More results

Similar Description - ST72324BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
ST72321BXXX-AUTO STMICROELECTRONICS-ST72321BXXX-AUTO Datasheet
4Mb / 247P
   8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
   Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com