Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HC192A Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK74HC192A
Description  Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HC192A Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

  KK74HC192A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HC192A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HC192A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HC192A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HC192A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HC192A Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74HC192A Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74HC192A Datasheet HTML 8Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KK74HC192A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
fmax
Minimum Clock Frequency (50% Duty Cycle)
(Figures 1 and 6)
2.0
4.5
6.0
12
36
43
3.2
16
19
2.6
13
15
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q
(Figures 1 and 6)
2.0
4.5
6.0
215
43
37
270
54
46
325
65
55
ns
tPLH, tPHL
Maximum Propagation Delay, PL to Q
(Figures 3 and 6)
2.0
4.5
6.0
215
43
37
270
54
46
325
65
55
ns
tPLH, tPHL
Maximum Propagation Delay, Clock to Terminal
Count (Figures 2 and 6)
2.0
4.5
6.0
125
25
21
155
31
26
190
38
32
ns
tTLH, tTHL
Maximum Output Transition Time,Any Output
(Figures 1 and 6)
2.0
4.5
6.0
75
15
13
95
20
18
110
23
20
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Package)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC
60
pF
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to -55°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Pn to PL
(Figure 4)
2.0
4.5
6.0
100
20
18
125
35
22
150
30
26
ns
th
Minimum Hold Time, Pn to PL
(Figure 4)
2.0
4.5
6.0
0
0
0
0
0
0
0
0
0
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tw
Minimum Pulse Width, PL
(Figure 3)
2.0
4.5
6.0
100
20
17
125
25
26
150
30
26
ns
tw
Minimum Pulse Width, MR
(Figure 5)
2.0
4.5
6.0
100
20
17
125
25
26
150
30
26
ns
tr, tf
Minimum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
100
500
400
100
500
400
100
500
400
ns
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn