Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC00ADBRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADBRG4
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC00ADBRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC00ADBRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC00ADBRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC00ADBRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC00ADBRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC00ADBRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC00ADBRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC00ADBRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC00ADBRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC00ADBRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LVC00A, SN74LVC00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCAS279P – JANUARY 1993 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC00A
FROM
TO
PARAMETER
VCC
–55
°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
2.7 V
5.1
tpd
A or B
Y
ns
3.3 V
± 0.3 V
1
4.3
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC00A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40
°C to 85°C
–40
°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V
± 0.15 V
1
6
12
1
12.5
1
14
2.5 V
± 0.2 V
1
4.6
5.9
1
6.4
1
7.9
tpd
A or B
Y
ns
2.7 V
1
4.3
4.9
1
5.1
1
6.5
3.3 V
± 0.3 V
1
3.5
4.1
1
4.3
1
5.5
tsk(o)
3.3 V
± 0.3 V
1
1.5
ns
T
A = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
1.8 V
18
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
18
pF
3.3 V
19
6


Similar Part No. - SN74LVC00ADBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC00ADBRG4 TI-SN74LVC00ADBRG4 Datasheet
788Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00ADBRG4 TI1-SN74LVC00ADBRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple 2-Input Positive-NAND Gates
SN74LVC00ADBRG4 TI1-SN74LVC00ADBRG4 Datasheet
2Mb / 39P
[Old version datasheet]   SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
MARCH 2024
More results

Similar Description - SN74LVC00ADBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com