Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HC161A Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. KK74HC161A
Description  Presettable Counters High-Performance Silicon-Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HC161A Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

  KK74HC161A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HC161A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HC161A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HC161A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HC161A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HC161A Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74HC161A Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74HC161A Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74HC161A Datasheet HTML 9Page - KODENSHI KOREA CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KK74HC161A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum High-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 6.0 mA
⎢I
OUT⎢ ≤ 7.8 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 6.0 mA
⎢I
OUT⎢ ≤ 7.8 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
6.0
4.0
40
160
µA
3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn