Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HC86NSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74HC86NSRG4
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74HC86NSRG4 Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC86, SN74HC86
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SCLS100E – DECEMBER 1982 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 10 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D True Logic
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HC86 ...J OR W PACKAGE
SN74HC86 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HC86 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
These devices contain four independent 2-input exclusive-OR gates. They perform the Boolean function
Y = A
B or Y = AB + AB in positive logic.
A common application is as a true / complement element. If one of the inputs is low, the other input is reproduced
in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the
output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC86N
SN74HC86N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC86D
HC86
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HC86DR
HC86
–40
°C to 85°C
Reel of 250
SN74HC86DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC86NSR
HC86
TSSOP – PW
Tube of 90
SN74HC86PW
HC86
TSSOP – PW
Reel of 2000
SN74HC86PWR
HC86
Reel of 250
SN74HC86PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC86J
SNJ54HC86J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC86W
SNJ54HC86W
LCCC – FK
Tube of 55
SNJ54HC86FK
SNJ54HC86FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn