Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRL3714PBF Datasheet(PDF) 1 Page - International Rectifier

Part No. IRL3714PBF
Description  SMPS MOSFET HEXFET®Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRL3714PBF Datasheet(HTML) 1 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
36
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
31
A
IDM
Pulsed Drain Current

140
PD @TC = 25°C
Maximum Power Dissipation
ƒ
47
W
PD @TC = 70°C
Maximum Power Dissipation
ƒ
33
W
Linear Derating Factor
0.31
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
www.irf.com
1
07/20/04
IRL3714PbF
IRL3714SPbF
IRL3714LPbF
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
20V
20m
36A
Notes
 through † are on page 11
Absolute Maximum Ratings
D2Pak
IRL3714S
TO-220AB
IRL3714
TO-262
IRL3714L
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.2
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
…
–––
40
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
l Lead-Free
PD - 95580


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFU3709SMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFIB7N50APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP15N60LPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7458PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFU3709PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR1N60APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7450_04SMPS MOSFET HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB3507PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR18N15DPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3715ZPBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn