Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRL3714PBF Datasheet(PDF) 3 Page - International Rectifier

Part No. IRL3714PBF
Description  SMPS MOSFET HEXFET®Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRL3714PBF Datasheet(HTML) 3 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRL3714/S/LPbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
10000
2.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
4.5V
3.0V
2.7V
2.5V
2.2V
BOTTOM 2.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.0V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
4.5V
3.0V
2.7V
2.5V
2.2V
BOTTOM 2.0V
-60
-40
-20
0
20
40
60
80
100 120
140
160 180
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature
( C)
J
°
V
=
I
=
GS
D
10V
36A
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VDS = 15V
20µs PULSE WIDTH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFU3709SMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFIB7N50APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFP15N60LPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7458PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFU3709PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR1N60APBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7450_04SMPS MOSFET HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB3507PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR18N15DPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3715ZPBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn