Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PC50S-P Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4PC50S-P
Description  INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50S-P Datasheet(HTML) 9 Page - International Rectifier

  IRG4PC50S-P Datasheet HTML 1Page - International Rectifier IRG4PC50S-P Datasheet HTML 2Page - International Rectifier IRG4PC50S-P Datasheet HTML 3Page - International Rectifier IRG4PC50S-P Datasheet HTML 4Page - International Rectifier IRG4PC50S-P Datasheet HTML 5Page - International Rectifier IRG4PC50S-P Datasheet HTML 6Page - International Rectifier IRG4PC50S-P Datasheet HTML 7Page - International Rectifier IRG4PC50S-P Datasheet HTML 8Page - International Rectifier IRG4PC50S-P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Note: For the most current drawings please refer to the IR website at:
http://www.irf.com/package/


Similar Part No. - IRG4PC50S-P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50S IRF-IRG4PC50S Datasheet
164Kb / 8P
   INSULATED GATE BIPOLAR TANSISTOR(Vces=600V, Vce(on)typ.=1.28V, @Vge=15V, Ic=41A)
IRG4PC50S IRF-IRG4PC50S Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4PC50SDPBF IRF-IRG4PC50SDPBF Datasheet
385Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
983Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC50S-P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC30SPBF IRF-IRG4PC30SPBF Datasheet
249Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4BC40SPBF IRF-IRG4BC40SPBF Datasheet
582Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC40SPBF IRF-IRG4PC40SPBF Datasheet
627Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
640Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC30FPBF IRF-IRG4PC30FPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC60F-PPBF IRF-IRG4PC60F-PPBF Datasheet
231Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR (Fast Speed IGBT)
IRG4PC60FPBF IRF-IRG4PC60FPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com