Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK1207 Datasheet(PDF) 17 Page - KODENSHI KOREA CORP.

Part No. KK1207
Description  specifically designed for LED and LED DISPLAY derivers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK1207 Datasheet(HTML) 17 Page - KODENSHI KOREA CORP.

Back Button KK1207 Datasheet HTML 9Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 10Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 11Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 12Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 13Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 14Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 15Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 16Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 17Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
Package Dimensions(24SOP)
D SUFFIX SOIC
(MS - 013AD)
Symbol
MIN
MAX
A
15.20
15.60
B7.40
7.60
C2.35
2.65
D0.33
0.51
F0.40
1.27
G
H
NOTES:
J0
°
8
°
1. Dimensions A and B do not include mold flash or protrusion.
K0.10
0.30
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
M0.23
0.32
for A; for B ‑ 0.25 mm (0.010) per side.
P
10.00
10.65
R0.25
0.75
1.27
9.53
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
24
12
13
KK1207


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn