Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK1207 Datasheet(PDF) 16 Page - KODENSHI KOREA CORP.

Part No. KK1207
Description  specifically designed for LED and LED DISPLAY derivers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK1207 Datasheet(HTML) 16 Page - KODENSHI KOREA CORP.

Back Button KK1207 Datasheet HTML 9Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 10Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 11Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 12Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 13Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 14Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 15Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 16Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 17Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
TECHNICAL DATA
KK1207
APPLICATION CIRCUIT
GND
VDD
SG12/GR5
SG11/GR6
SG10/GR7
SG9
SG8
GND
GR1
GR2
GR3
GR4
SG1
SG2
SG3
SG4
SG5
SG6
SG7
OSC
DIN
CLK
STB
VDD
S6
S7
S1
S2
S3
S4
S5
MCU
G1
G2
G3
G4
S9
S8
S12
S11
S10
G1
G2
G3
G4
S6
S7
S1
S2
S3
S4
S5
S8
S9
S10
S11
S12
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
DIGIT1
DIGIT2
DIGIT3
DIGIT4
SEG8
SEG9
SEG10
SEG11
SEG12
+5V
+5V
51K
0.1pF
Note : The capacitor (0.1uF) connected between the GND and VDD Pins must be located as near as
possible to the KK1207 chip.
COMMON CATHODE TYPE LED PANEL
a
b
c
d
e
f
g
h
SEG1
COM/ DIGITAL(GRID)
a
SEG2
SEG3
b
f
g
SEG4
SEG5
c
e
SEG6
d
h
SEG7
SEG8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn