Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK1207 Datasheet(PDF) 15 Page - KODENSHI KOREA CORP.

Part No. KK1207
Description  specifically designed for LED and LED DISPLAY derivers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK1207 Datasheet(HTML) 15 Page - KODENSHI KOREA CORP.

Back Button KK1207 Datasheet HTML 9Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 10Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 11Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 12Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 13Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 14Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 15Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 16Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 17Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
TECHNICAL DATA
KK1207
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, V
DD=5V, GND=OV, Ta=25,
Symbol
Test Condition
IOHSG1
Min.
Typ.
Max.
Unit
Parameter
V
O = VDD -1V
SG1 to SG9.
SG10/GR7 to SG12/GR5
IOHSG2
V
O = VDD -2V
SG1 to SG9.
SG10/GR 7 to SG12/GR5
-10
-14
-30
mA
High-Level
Output Current
IOLGR
-20
-25
-50
mA
V
O = 0.3V
GR1 TO GR4.
SG10/GR7 to SG12/GR5
ITOLSG
Low-Level
Output Current
100
140
-
mA
V
O = VDD -1V
SG1 TO SG9.
SG10/GR7 to SG12/GR5
VIH
Segment
High-Level
Output Current
Tolerance
-
-
±5
%
-
VIL
High-Level
Input Voltage
-
-
V
0.8VDD
Low-Level
Input Voltage
.
-
V
0.3VDD
-
Oscillation
Frequency
350
500
650
kHz
fOSC
R = 51KOms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn