Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK1207 Datasheet(PDF) 14 Page - KODENSHI KOREA CORP.

Part No. KK1207
Description  specifically designed for LED and LED DISPLAY derivers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK1207 Datasheet(HTML) 14 Page - KODENSHI KOREA CORP.

Back Button KK1207 Datasheet HTML 9Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 10Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 11Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 12Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 13Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 14Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 15Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 16Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 17Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
TECHNICAL DATA
KK1207
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise stated, Ta=25, GND=0V)
Parameter
Supply Voltage
Logic Input Voltage
Driver Output Current/Pin
Maximum Driver Output Current/Total
Symbol
VDD
VI
ITOTAL
IOHSG
Rating
Units
-0.5 to +7.0
V
-0.5 to VDD+0.5
V
400
-50
mA
mA
+250
mA
IOLGR
RECOMMENDED OPERATING RANGE
(Unless otherwise stated, Ta= -20 to +70, GND=0V)
Parameter
Logic Supply Voltage
Dynamic Current (see Note)
High-Level Input Voltage
Low-Level Input Voltage
Symbol
VDD
IDDdyn
VIH
VIL
Min.
4.5
.
0.8VDD
0
Typ.
5
.
.
.
Max.
Unit
5.5
V
5
mA
VDD
V
0.3 VDD
V
Note : Test Condition : Set Display Control Commands = 80H (Display Turn OFF State)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn