Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK1207 Datasheet(PDF) 9 Page - KODENSHI KOREA CORP.

Part No. KK1207
Description  specifically designed for LED and LED DISPLAY derivers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK1207 Datasheet(HTML) 9 Page - KODENSHI KOREA CORP.

Back Button KK1207 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 8Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 9Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 10Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 11Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 12Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 13Page - KODENSHI KOREA CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
TECHNICAL DATA
KK1207
SWITCHING CHARACTERISTIC WAVEFORM
KK1207 Switching Characteristies Waveform is given below.
fOSC
OSC
PWSTB
STB
CLK
DIN
10%
90%
PWCLK
tsetup
thold
tCLK-STB
90%
10%
tTZH
tTLZ
tTHZ
PWCLK
tTZL
Gn
Sn
PW
CLK (Clock Pulse Width) ≥400ns
t setup (Data Setup Time) ≥ 100ns
t
CLK-STB (Clock - Strobe Time) ≥ 1㎲
t
TZH (Rise Time) ≤ 1㎲
t
TZL <1㎲
PW
STB (Strobe Pulse Width) ≥ 1㎲
thold (Data Hold Time) ≥ 100ns
t
THZ (Fall Time) ≤ 10㎲
fosc = Oscillation Frequency
t
TlZ <10㎲


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn