Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK1207 Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK1207
Description  specifically designed for LED and LED DISPLAY derivers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK1207 Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

  KK1207 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 8Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 9Page - KODENSHI KOREA CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
TECHNICAL DATA
KK1207
COMMAND 2 : DATA SETTING COMMANDS
The Data Setting Commands executes the Data Write Mode for KK1207. The Data Setting
Command, the bits5 and 6 (b4, b5) are ignored, bit7(b6) is given the value of “1” while bit8(b7) is
given the value of “0”. Please refer to the diagram below.
When power is turned ON, bit 4 to bit 1 (b3 to b0) are given the value of “0”.
LSB
MSB
0
1
-
-
b3
b2
b1
b0
Data Write Mode Settings :
00 : Write Data to Display Mode
Don’t Care
Address Increment Mode Settings (Display Mode):
0 : Increment Address after Data has been Written
1 : Fixes Address
Mode Settings :
0 : Normal Operation Mode
1 : Test Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn