Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK1207 Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. KK1207
Description  specifically designed for LED and LED DISPLAY derivers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK1207 Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

  KK1207 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 8Page - KODENSHI KOREA CORP. KK1207 Datasheet HTML 9Page - KODENSHI KOREA CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
TECHNICAL DATA KK
KK1207
PIN DESCRIPTION
Pin Name
OSC
DIN
CLK
STB
VDD
SG1 to SG9
SG10/GR7 to
SG12/GR5
GND
GR4 to GR1
I/O
I
I
I
I
-
O
O
-
O
Description
Pin No.
Oscillator Input Pin.
A resistor is connected to this pin and GND.
1
Data Input Pin.
This pin inputs serial data at the rising edge of
the shift clock (staring from the lower bit)
2
Clock Input Pin.
Rising edge trigger.
3
Strobe pin for Serial Interface.
The data input after the STB has fallen is
processed as a command.
When this pin is “HIGH”, CLK is ignored.
4
Power Supply
5,18
Segment Output Pins(p-channel, open drain)
6~14
Segment Output Pin/ Grid Output Pin
(CMOS Output)
15~17
Ground Pin
19,24
Grid Output Pins (n-channel, open drain)
20~23


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn