Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC20FDPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC20FDPBF
Description  INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20FDPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC20FDPBF Datasheet HTML 1Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 2Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 3Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 4Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 5Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 6Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 7Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 8Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
16
IC @ TC = 100°C
Continuous Collector Current
9.0
ICM
Pulsed Collector Current 
64
A
ILM
Clamped Inductive Load Current ‚
64
IF @ TC = 100°C
Diode Continuous Forward Current
7.0
IFM
Diode Maximum Forward Current
32
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
60
PD @ TC = 100°C
Maximum Power Dissipation
24
TJ
Operating Junction and-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
–––
–––
2.1
RθJC
Junction-to-Case - Diode
–––
–––
3.5
°C/W
RθCS
Case-to-Sink, flat, greased surface
–––
0.50
–––
RθJA
Junction-to-Ambient, typical socket mount
–––
–––
80
Wt
Weight
–––
2 (0.07)
–––
g (oz)
IRG4BC20FDPbF
INSULATEDGATEBIPOLARTRANSISTORWITHULTRAFAST
SOFT RECOVERY DIODE
Features
E
G
n-channel
C
VCES = 600V
VCE(on) typ. = 1.66V
@VGE = 15V, IC = 9.0A
Thermal Resistance
Fast CoPack IGBT
12/23/03
Absolute Maximum Ratings
• Fast: optimized for medium operating
frequencies ( 1-5 kHz in hard switching, >20
kHz in resonant mode).
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3
• IGBT co-packaged with HEXFREDTM ultrafast,
ultra-soft-recovery anti-parallel diodes for use in
bridge configurations
• Industry standard TO-220AB package
• Lead-Free
Benefits
• Generation -4 IGBTs offer highest efficiencies
available
• IGBTs optimized for specific application conditions
• HEXFRED diodes optimized for performance with
IGBTs. Minimized recovery characteristics require
less/no snubbing
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBTs
PD - 94906
W
TO-220AB
www.irf.com
1


Similar Part No. - IRG4BC20FDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20FDPBF IRF-IRG4BC20FDPBF Datasheet
319Kb / 11P
   OPTIMIZED FOR MEDIUM OPERATING
IRG4BC20FDPBF IRF-IRG4BC20FDPBF_15 Datasheet
319Kb / 11P
   OPTIMIZED FOR MEDIUM OPERATING
More results

Similar Description - IRG4BC20FDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4640DPBF IRF-IRGP4640DPBF Datasheet
337Kb / 12P
   INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC30KD-SPBF IRF-IRG4BC30KD-SPBF_15 Datasheet
376Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
IRG4BC30KD-SPBF IRF-IRG4BC30KD-SPBF Datasheet
350Kb / 10P
   INSUKATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10UDPBF IRF-IRG4BC10UDPBF Datasheet
323Kb / 11P
   INSULATED GATE BIPOLAR TRANSISROT WITH ULTRAFAST SOFR RECOVERY DIODE UltraFast CoPack IGBT
IRG4BC20KD-SPBF IRF-IRG4BC20KD-SPBF Datasheet
364Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULRTAFAST SOFR RECOVERY DIODE
IRG4PSC71KDPBF IRF-IRG4PSC71KDPBF Datasheet
444Kb / 10P
   INSUKATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast IGBT
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com