Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74HC27A Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74HC27A
Description  Triple 3-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC27A Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74HC27A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC27A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC27A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC27A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC27A Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
KK74HC27A
Triple 3-Input NOR Gate
ORDERING INFORMATION
KK74HC27AN
Plastic
KK74HC27AD
SOIC
TA = -55° to 125° C for all packages
The KK74HC27A is high-speed Si-gate CMOS device and are pin
compatible with low power Schottky TTL (LSTTL) . The device provide
Triple 3-input NOR function.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
A1
A2
A3
C1
C2
C3
Y1
Y2
Y3
B1
B2
B3
1
2
3
5
4
6
7
V CC
14
13
12
11
10
8
9
GND
A1
B1
B2
B3
A2
A3
Y2
Y3
Y1
C1
C2
C3
FUNCTION TABLE
Inputs
Output
A
B
C
C
B
A
Y
+
+
=
L
L
L
H
X
X
H
L
X
H
X
L
H
X
X
L
X = don’t care
1


Similar Part No. - KK74HC27A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
More results

Similar Description - KK74HC27A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com