Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74HC21A Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74HC21A
Description  Dual 4-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC21A Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74HC21A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC21A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC21A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC21A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC21A Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KK74HC21A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low -Level
Input Voltage
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
VIN=VIH or VIL
⎢IOUT⎢ = -50 µA
2.0
3.0
4.5
6.0
1.92
2.92
4.42
5.92
1.9
2.9
4.4
5.9
1.9
2.9
4.4
5.9
VIN=VIH or VIL
⎢IOUT⎢ = -2.4 mА
3.0
2.48
2.34
2.2
VIN=VIH or VIL
⎢IOUT⎢ = -4 mА
4.5
3.98
3.84
3.7
VOH
Minimum High-Level
Output Voltage
VIN=VIH or VIL
⎢IOUT⎢ = -5.2 mА
6.0
5.48
5.34
5.2
V
VIN= VIH or VIL
⎢IOUT⎢ = 50 µA
2.0
3.0
4.5
6.0
0.09
0.09
0.09
0.09
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
VIN=VIH or VIL
⎢IOUT⎢ = 2.4 mА
3.0
0.26
0.33
0.4
VIN=VIH or VIL
⎢IOUT⎢ = 4 mА
4.5
0.26
0.33
0.4
VOL
Maximum Low-Level
Output Voltage
VIN=VIH or VIL
⎢IOUT⎢ = 5.2 mА
6.0
0.26
0.33
0.4
V
IIL
Maximum Low-Level
Input Leakage Current
VIN= 0 V
6.0
-0.1
-1.0
-1.0
µA
IIH
Maximum High-Level
Input Leakage Current
VIN= VCC
6.0
0.1
1.0
1.0
µA
ICC
Maximum Quiescent
Supply Current
VIN=VCC or 0 V
6.0
4.0
40
160
µA
3


Similar Part No. - KK74HC21A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC20A KODENSHI-KK74HC20A Datasheet
193Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HC20AD KODENSHI-KK74HC20AD Datasheet
193Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HC20AN KODENSHI-KK74HC20AN Datasheet
193Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HC221A KODENSHI-KK74HC221A Datasheet
405Kb / 7P
   Dual Monostable Multivibrator
KK74HC221AD KODENSHI-KK74HC221AD Datasheet
405Kb / 7P
   Dual Monostable Multivibrator
More results

Similar Description - KK74HC21A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
   DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
   Dual 4-input AND gate
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
   Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
logo
KODENSHI_AUK CORP.
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
   Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
   Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B NEXPERIA-HEF4082B Datasheet
198Kb / 9P
   Dual 4-input AND gate
Rev. 7 - 24 February 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com