Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG509A Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG509A
Description  CMOS Analog Multiplexers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG509A Datasheet(HTML) 1 Page - Intersil Corporation

  DG509A Datasheet HTML 1Page - Intersil Corporation DG509A Datasheet HTML 2Page - Intersil Corporation DG509A Datasheet HTML 3Page - Intersil Corporation DG509A Datasheet HTML 4Page - Intersil Corporation DG509A Datasheet HTML 5Page - Intersil Corporation DG509A Datasheet HTML 6Page - Intersil Corporation DG509A Datasheet HTML 7Page - Intersil Corporation DG509A Datasheet HTML 8Page - Intersil Corporation DG509A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
File Number
3137.3
DG506A, DG507A, DG508A, DG509A
CMOS Analog Multiplexers
The DG506A, DG507A, DG508A and DG509A are CMOS
Monolithic 16-Channel/Dual 8-Channel and 8-Channel/Dual
4-Channel Analog Multiplexers, which can also be used as
demultiplexers. An enable input is provided. When the
enable input is high, a channel is selected by the address
inputs, and when low, all channels are off.
A channel in the ON state conducts current equally well in
both directions. In the OFF state each channel blocks
voltages up to the supply rails. The address inputs and the
enable input are TTL and CMOS compatible over the full
specified operating temperature range.
The DG506A, DG507A, DG508A and DG509A are pinout
compatible with the industry standard devices.
Features
• Low Power Consumption
• TTL and CMOS-Compatible Address and Enable Inputs
• 44V Maximum Power Supply Rating
• High Latch-Up Immunity
• Break-Before-Make Switching
• Alternate Source
Applications
• Data Acquisition Systems
• Communication Systems
• Signal Multiplexing/Demultiplexing
• Audio Signal Multiplexing
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
DG506AAK
-55 to 125
28 Ld CERDIP
F28.6
DG506ACJ
0 to 70
28 Ld PDIP
E28.6
DG506ACY
0 to 70
28 Ld SOIC
M28.3
DG507ABK
-25 to 85
28 Ld CERDIP
F28.6
DG507ACJ
0 to 70
28 Ld PDIP
E28.6
DG507ACY
0 to 70
28 Ld SOIC
M28.3
DG508AAK
-55 to 125
16 Ld CERDIP
F16.3
DG508ABK
-25 to 85
16 Ld CERDIP
F16.3
DG508ACJ
0 to 70
16 Ld PDIP
E16.3
DG509ACJ
0 to 70
16 Ld PDIP
E16.3
DG509ACY
0 to 70
16 Ld SOIC
M16.3
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
Pinouts
DG506A (PDIP, CERDIP, SOIC)
TOP VIEW
DG507A (PDIP, CERDIP, SOIC)
TOP VIEW
DG508A (PDIP, CERDIP)
TOP VIEW
DG509A (PDIP, SOIC)
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
NC
NC
S16
S15
S14
S13
S12
S11
S10
S9
GND
NC
A3
D
S8
S7
S6
S5
S3
S1
EN
A0
A1
A2
V-
S4
S2
V+
DB
NC
S8B
S7B
S6B
S5B
S4B
S3B
S2B
S1B
GND
NC
NC
DA
S8A
S7A
S6A
S5A
S3A
S1A
EN
A0
A1
A2
V-
S4A
S2A
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
EN
V-
S1
S2
S3
D
S4
A1
GND
V+
S5
S6
S7
S8
A2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
EN
V-
S1A
S2A
S3A
DA
S4A
A1
V+
S1B
S2B
S3B
S4B
DB
GND
Data Sheet
November 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - DG509A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG509A MAXIM-DG509A Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Vishay Siliconix
DG509A-MIL VISHAY-DG509A-MIL Datasheet
177Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
Maxim Integrated Produc...
DG509AAK MAXIM-DG509AAK Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
logo
Vishay Siliconix
DG509AAK VISHAY-DG509AAK Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
Maxim Integrated Produc...
DG509AAK MAXIM-DG509AAK Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
More results

Similar Description - DG509A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com