Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74VHC373 Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # KK74VHC373
Description  Octal d-type latch with three state outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74VHC373 Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

  KK74VHC373 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74VHC373 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74VHC373 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74VHC373 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74VHC373 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74VHC373 Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74VHC373 Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74VHC373 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
KK74VHCT373
Noise characteristics (CL = 50 pF)
Value
Symbol
Parameter
VCC, V
min
max
Unit
VOLP
Positive noise of low output voltage
5.0
-
1.6
V
VOLV
Negative noise of low output
voltage
5.0
-1.6
-
VIHD
Input dynamic high voltage
5.0
2.0
VILD
Input dynamic low voltage
5.0
0.8
- - Time diagram of input and output pulses
0.5
1.5 V
1.5
V
t
LH
t
HL
t
PHL
t
PLH
3.0 V
GND
Input
Output
0 V
0.9
0.9
0.1
0.1
V
CC
0.5
Fig. 1
0.5
0.5
t
LH
t
HL
3.0 V
0V
Input
1.5 V
t
PZH
t
PZL
t
PHZ
t
PLZ
Output
Output
V
OH
0 V
V
CC
V
OL
0.9
0.9
0.1
0.1
0.9
0.1
1.5 V
Fig.2
6


Similar Part No. - KK74VHC373

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHC32 KODENSHI-KK74VHC32 Datasheet
278Kb / 6P
   QUAD 2-INPUT OR GATE
More results

Similar Description - KK74VHC373

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC373 IKSEMICON-IN74VHC373 Datasheet
326Kb / 8P
   Octal d-type latch with three state outputs
logo
Integral Corp.
IN74VHC373 INTEGRAL-IN74VHC373 Datasheet
322Kb / 8P
   Octal d-type latch with three state outputs
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
   OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
logo
Motorola, Inc
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com