Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74VHCT02 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74VHCT02
Description  Quad 2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74VHCT02 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74VHCT02 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74VHCT02 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74VHCT02 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74VHCT02 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74VHCT02 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74VHCT02 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74VHCT02
Quad 2-Input NOR Gate
KK74VHCT02 is high-speed logic IC made by CMOS
technology and designed for use in high-performance
calculating systems with a wide supply voltage range.
As for operation speed, KK74VHCT02 can be compared
with equivalent bipolar ICs based on Schottky TTL and two
times surpasses ICs of KK74НС series.
KK74VHCT02 tolerates operation under conditions when
voltage on input & output is exceeded up to 7V without
affecting characteristics and IC reliability. This possibility
allows to use KK74VHCT02 in radio-electronic devices for
interfacing with supply voltages 5V and 3V, eliminate IC
failure under supply voltage source emergency outage.
Use of output edge shaping block in the microcircuit
allows to reduce noise amplitude of noises when switching
outputs into the same state simultaneously.
Input levels of KK74VHCT02 are compatible with TTL level
and output levels with CMOS levels
ORDERING INFORMATION
KK74VHCT02N Plastic
KK74VHCT02D SOIC
TA = -40° to 85° C for all
packages
Features:
• Supply voltage range 4.5 to 5.5 V.
• Output current 8 mA.
• Low consumption current: 0.2 mkA (typical value) at Та = 25 °С.
• Latchup current not less than 300 mA at Та = 85 °С.
• Tolerable value of static potential not less than 2000 V as per human body model
(HBM) and not less than 200 V as per machine model (ММ).
• Ambient operation temperature minus 40 to plus 85 °С.
• Balanced signal propagation delay.
• Ensures voltage exceeding mode on input
• Low noise level at the simultaneous switching of outputs in the same state: VOLP = 0.8
V (max).
• For pins and functions, compatible with KK74НСT02.
.
1


Similar Part No. - KK74VHCT02

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHCT00 KODENSHI-KK74VHCT00 Datasheet
268Kb / 6P
   Quad 2-Input NOR Gate
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
More results

Similar Description - KK74VHCT02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com