Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC193M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC193M
Description  High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC193M Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC193M Datasheet HTML 1Page - Texas Instruments CD74HC193M Datasheet HTML 2Page - Texas Instruments CD74HC193M Datasheet HTML 3Page - Texas Instruments CD74HC193M Datasheet HTML 4Page - Texas Instruments CD74HC193M Datasheet HTML 5Page - Texas Instruments CD74HC193M Datasheet HTML 6Page - Texas Instruments CD74HC193M Datasheet HTML 7Page - Texas Instruments CD74HC193M Datasheet HTML 8Page - Texas Instruments CD74HC193M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Pulse Width
tW
2
115
-
-
145
-
175
-
ns
CPU, CPD
4.5
23
-
-
29
-
35
-
ns
192
6
20
-
-
25
-
30
-
ns
tW
2
100
-
-
125
-
150
-
ns
CPU, CPD
4.5
20
-
-
25
-
30
-
ns
193
6
17
-
-
21
-
26
-
ns
PL
tW
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
MR
tW
2
100
-
-
125
-
150
-
ns
4.5
20
-
-
25
-
30
-
ns
6
17
-
-
21
-
26
-
ns
Set-up Time
tSU
2
80
-
-
100
-
120
-
ns
Pn to PL
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Hold Time
tH
2
0
-
-
0-0-
ns
Pn to PL
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
Hold Time
tH
2
80
-
-
100
-
120
-
ns
CPD to CPU or
4.5
16
-
-
20
-
24
-
ns
CPU to CPD
6
14
-
-
17
-
20
-
ns
Recovery Time
tREC
2
80
-
-
100
-
120
-
ns
PL to CPU, CPD
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
MR to CPU, CPD
tREC
2
5
-
-
5-5-
ns
4.5
5-
-5-5-
ns
6
5
-
-
5-5-
ns
Maximum Frequency
fMAX
2
5
-
-
4-3-
MHz
CPU, CPD
4.5
22
-
-
18
-
15
-
MHz
192
6
24
-
-
21
-
18
-
MHz
fMAX
2
5
-
-
4-3-
MHz
CPU, CPD
4.5
25
-
-
20
-
17
-
MHz
193
6
29
-
-
24
-
20
-
MHz
HCT TYPES
Pulse Width
tW
2
-
------
ns
CPU, CPD
4.5
23
-
-
29
-
35
-
ns
192
6
-
------
ns
CPU, CPD
tW
2
-
------
ns
193
4.5
23
-
-
29
-
35
-
ns
6
-
------
ns
CD54/74HC192, CD54/74HC193, CD54/74HCT193


Similar Part No. - CD74HC193M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC193M TI-CD74HC193M Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC193M TI-CD74HC193M Datasheet
374Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC193M TI-CD74HC193M Datasheet
653Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC193M96 TI-CD74HC193M96 Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC193M96 TI-CD74HC193M96 Datasheet
374Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
More results

Similar Description - CD74HC193M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC192 TI-CD54HC192 Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC192 TI-CD74HC192 Datasheet
67Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_08 Datasheet
374Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_1 Datasheet
653Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Pericom Semiconductor C...
PI74FCT191T PERICOM-PI74FCT191T Datasheet
212Kb / 6P
   High Speed CMOS Presettable Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com