Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26C32CDE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32CDE4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C32CDE4 Datasheet(HTML) 5 Page - Texas Instruments

  AM26C32CDE4 Datasheet HTML 1Page - Texas Instruments AM26C32CDE4 Datasheet HTML 2Page - Texas Instruments AM26C32CDE4 Datasheet HTML 3Page - Texas Instruments AM26C32CDE4 Datasheet HTML 4Page - Texas Instruments AM26C32CDE4 Datasheet HTML 5Page - Texas Instruments AM26C32CDE4 Datasheet HTML 6Page - Texas Instruments AM26C32CDE4 Datasheet HTML 7Page - Texas Instruments AM26C32CDE4 Datasheet HTML 8Page - Texas Instruments AM26C32CDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AM26C32
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of VCC, VIC, and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Differential input high-threshold voltage
VO = VOH(min),
VIC = −7 V to 7 V
0.2
V
VIT+
Differential input high-threshold voltage
VO = VOH(min),
IOH = −440 µA
VIC = 0 to 5.5 V
0.1
V
VIT−
Differential input low-threshold voltage
VO = 0.45 V,
VIC = −7 V to 7 V
−0.2‡
V
VIT−
Differential input low-threshold voltage
VO = 0.45 V,
IOL = 8 mA
VIC = 0 to 5.5 V
−0.1‡
V
Vhys
Hysteresis voltage (VIT+ − VIT−)
60
mV
VIK
Enable input clamp voltage
VCC = 4.5 V,
II = −18 mA
−1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = −6 mA
3.8
V
VOL
Low-level output voltage
VID = −200 mV,
IOL = 6 mA
0.2
0.3
V
IOZ
Off-state (high-impedance state) output current
VO = VCC or GND
±0.5
±5
µA
II
Line input current
VI = 10 V,
Other input at 0 V
1.5
mA
II
Line input current
VI = −10 V,
Other input at 0 V
−2.5
mA
IIH
High-level enable current
VI = 2.7 V
20
µA
IIL
Low-level enable current
VI = 0.4 V
−100
µA
ri
Input resistance
One input to ground
12
17
k
ICC
Supply current
VCC = 5.5 V
10
15
mA
† All typical values are at VCC = 5 V, VIC = 0, and TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage.
switching characteristics over recommended ranges of operation conditions, CL = 50 pF (unless
otherwise noted)
PARAMETER
TEST
CONDITIONS
AM26C32C
AM26C32I
AM26C32Q
AM26C32M
UNIT
PARAMETER
CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 1
9
17
27
9
17
27
ns
tPHL
Propagation delay time, high- to low-level output
See Figure 1
9
17
27
9
17
27
ns
tTLH
Output transition time, low- to high-level output
See Figure 1
4
9
4
10
ns
tTHL
Output transition time, high- to low-level output
See Figure 1
4
9
4
9
ns
tPZH
Output enable time to high level
See Figure 2
13
22
13
22
ns
tPZL
Output enable time to low level
See Figure 2
13
22
13
22
ns
tPHZ
Output disable time from high level
See Figure 2
13
22
13
26
ns
tPLZ
Output disable time from low level
See Figure 2
13
22
13
25
ns
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - AM26C32CDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32CDE4 TI-AM26C32CDE4 Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26C32CDE4 TI-AM26C32CDE4 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32CDE4 TI-AM26C32CDE4 Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32CDE4 TI1-AM26C32CDE4 Datasheet
1Mb / 30P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
AM26C32CDE4 TI1-AM26C32CDE4 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
More results

Similar Description - AM26C32CDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com