Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3680 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3680
Description  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3680 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3680 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3680 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3680 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3680 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3680 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3680 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3680 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3680 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3680 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Figure 6. Relative luminous intensity vs. angular displacement for
T-13/4 package.
Figure 5. Relative luminous intensity vs. angular displacement for
T-1 package.
Figure 1. Forward current vs. applied forward voltage.
5 volt devices.
Figure 2. Forward current vs. applied forward voltage.
12 volt devices.
Figure 4. Maximum allowed applied forward voltage vs. ambient
temperature RqJA = 175°C/W. 12 volt devices.
Figure 3. Maximum allowed applied forward voltage vs. ambient
temperature RqJA = 175°C/W. 5 volt devices.
0
0
VCC – APPLIED FORWARD VOLTAGE – V
16
12
4
7.5
26
810
14
24
20
16
12
8
4
15
0
0
VCC – APPLIED FORWARD VOLTAGE – V
16
12
4
7.5
26
810
14
24
20
16
12
8
4
15
0
0
TA – AMBIENT TEMPERATURE – °C
85
20
40
60
80
7.5
8
6
4
2
0
0
TA – AMBIENT TEMPERATURE – °C
85
20
40
60
80
15
16
12
8
4
10
°
100
°
40
°
70
°
20
°
60
°
80
°
30
°
50
°
90
°
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
1.0
0.6
0.8
0.2
0.4
10
°
100
°
40
°
70
°
20
°
60
°
30
°
50
°
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
1.0
0.6
0.8
0.2
0.4
80
° 90°


Similar Part No. - HLMP-3680

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3680 HP-HLMP-3680 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3680 AVAGO-HLMP-3680 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3680OB00 HP-HLMP-3680OB00 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-3680OB01 HP-HLMP-3680OB01 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-3680OB02 HP-HLMP-3680OB02 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results

Similar Description - HLMP-3680

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com