Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74ACT651 Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. KK74ACT651
Description  Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74ACT651 Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

  KK74ACT651 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74ACT651 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74ACT651 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74ACT651 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74ACT651 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74ACT651 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74ACT651 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74ACT651 Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74ACT651 Datasheet HTML 9Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KK74ACT651
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C
-40
°C to
85
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
0.8
0.8
0.8
0.8
V
VOH
Minimum High-
Level Output Voltage
IOUT ≤ -50 µA
4.5
5.5
4.4
5.4
4.4
5.4
V
*V
IN=VIH or VIL
IOH=-24 mA
IOH=-24 mA
4.5
5.5
3.86
4.86
3.76
4.76
VOL
Maximum Low-
Level Output Voltage
IOUT ≤ 50 µA
4.5
5.5
0.1
0.1
0.1
0.1
V
*V
IN=VIH or VIL
IOL=24 mA
IOL=24 mA
4.5
5.5
0.36
0.36
0.44
0.44
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
∆I
CCT
Additional Max.
ICC/Input
VIN=VCC - 2.1 V
5.5
1.5
mA
IOZ
Maximum Three-
State Leakage
Current
VI (OE)= VIH or VIL
VI =VCC or GND
VO =VCC or GND
5.5
±0.6
±6.0
µA
IOHD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
8.0
80
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn