Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74ACT574 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74ACT574
Description  Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT574 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74ACT574 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT574 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT574 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT574 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT574 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT574 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KK74ACT574
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =4.5 V
VCC =5.5 V
0
0
10
8.0
ns/V
* V
IN
from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74ACT574

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT573 KODENSHI-KK74ACT573 Datasheet
350Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
KK74ACT573DW KODENSHI-KK74ACT573DW Datasheet
350Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
KK74ACT573N KODENSHI-KK74ACT573N Datasheet
350Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74ACT574

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC374A INTEGRAL-IN74HC374A Datasheet
115Kb / 5P
   Octal 3-State Noninverting D Flip-Flop (High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT374A KODENSHI-KK74HCT374A Datasheet
248Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT574 IKSEMICON-IN74ACT574 Datasheet
323Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC574 KODENSHI-KK74AC574 Datasheet
338Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC574A IKSEMICON-IN74HC574A Datasheet
195Kb / 7P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT374A IKSEMICON-IN74HCT374A Datasheet
234Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC574A KODENSHI-KK74HC574A Datasheet
219Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com