Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74ACT193 Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK74ACT193
Description  Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

KK74ACT193 Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KK74ACT193
TIMING REQUIREMENTS (CL=50pF, Input tr=tf=3.0 ns, VCC=5.0 V ± 10%)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Pn to PL (Figure 7)
8
9
ns
th
Minimum Hold Time, PL to Pn (Figure 7)
-1.0
-1.0
ns
tw
Minimum Pulse Width, PL (Figure 4)
14
15
ns
tw
Minimum Pulse Width, CPU or CPD
(Figure 1)
10
11
ns
tw
Minimum Pulse Width, MR (Figure 5)
12
14
ns
trec
Minimum Recovery Time, PL to CPU or CPD (Figure
5)
8
9
ns
trec
Minimum Recovery Time, MR to CPU or CPD
(Figure 5)
14
16
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn