Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74ACT192 Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KK74ACT192
Description  Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74ACT192 Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  KK74ACT192 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 8Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TECHNICAL DATA
KK74ACT192
Presettable BCD/Decade UP/DOWN Counter
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74ACT192N Plastic
KK74ACT192D SOIC
TA = -40° to 85° C for all packages
The KK74ACT192 is identical in pinout to the LS/ALS192,
HC/HCT192. The KK74ACT192 may be used as a level converter for
interfacing TTL or NMOS outputs to High Speed CMOS inputs.
The counter has two separate clock inputs, a Count Up Clock and
Count Down Clock inputs. The direction of counting is determined by
which input is clocked. The outputs change state synchronous with the
LOW-to-HIGH transitions on the clock inputs. This counter may be
preset by entering the desired data on the P0, P1, P2, P3 input. When
the Parallel Load input is taken low the data is loaded independently
of either clock input. This feature allows the counters to be used as
devide-by-n by modifying the count lenght with the preset inputs. In
addition the counter can also be cleared. This is accomplished by
inputting a high on the Master Reset input. All 4 internal stages are set
to low independently of either clock input.Both a Terminal Count
Down (TCD) and Terminal Count Up (TCU) Outputs are provided to
enable cascading of both up and down counting functions. The TCD
output produces a negative going pulse when the counter underflows
and TCU outputs a pulse when the counter overflows. The counter can
be cascaded by connecting the TCU and TCD outputs of one device to
the Count Up Clock and Count Down Clock inputs, respectively, of
the next device.
PIN ASSIGNMENT
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
1


Similar Part No. - KK74ACT192

ManufacturerPart No.DatasheetDescription
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74ACT193 KODENSHI-KK74ACT193 Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74ACT193D KODENSHI-KK74ACT193D Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74ACT193N KODENSHI-KK74ACT193N Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT192

ManufacturerPart No.DatasheetDescription
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74AC192 KODENSHI-KK74AC192 Datasheet
521Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74AC192 IKSEMICON-IN74AC192 Datasheet
382Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74ACT192 IKSEMICON-IN74ACT192 Datasheet
497Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74HC192A IKSEMICON-IN74HC192A Datasheet
244Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC192A KODENSHI-KK74HC192A Datasheet
360Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
Integral Corp.
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
System Logic Semiconductor
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
NXP Semiconductors
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
Motorola, Inc
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz