Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74ACT192 Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK74ACT192
Description  Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74ACT192 Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

  KK74ACT192 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74ACT192 Datasheet HTML 8Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KK74ACT192
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
100
80
MHz
tPLH
Propagation Delay, CPU or CPD to TCU or TCD
(Figure 2)
15
16.5
ns
tPHL
Propagation Delay, CPU or CPD to TCU or TCD
(Figure 2)
14
15.5
ns
tPLH
Propagation Delay, CPU or CPD to Qn (Figure 1)
12
13.5
ns
tPHL
Propagation Delay, CPU or CPD to Qn (Figure 1)
12
13.5
ns
tPLH
Propagation Delay, Pn to Qn (Figure 3)
12
13.5
ns
tPHL
Propagation Delay, Pn to Qn (Figure 3)
12
13.5
ns
tPLH
Propagation Delay, PL to Qn (Figure 4)
12
13.5
ns
tPHL
Propagation Delay, PL to Qn (Figure 4)
15
16.5
ns
tPHL
Propagation Delay, MR to Qn (Figure 5)
15
16.5
ns
tPLH
Propagation Delay, MR to TCU (Figure 6)
14
15.5
ns
tPHL
Propagation Delay, MR to TCD (Figure 6)
14
15.5
ns
tPLH
Propagation Delay, PL to TCU or TCD
(Figure 6)
15
16.5
ns
tPHL
Propagation Delay, PL to TCU or TCD
(Figure 6)
11
12.5
ns
tPLH
Propagation Delay, Pn to TCU or TCD (Figure 6)
15
16.5
ns
tPHL
Propagation Delay, Pn to TCU or TCD (Figure 6)
15
16.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
4


Similar Part No. - KK74ACT192

ManufacturerPart No.DatasheetDescription
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74ACT193 KODENSHI-KK74ACT193 Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74ACT193D KODENSHI-KK74ACT193D Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74ACT193N KODENSHI-KK74ACT193N Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT192

ManufacturerPart No.DatasheetDescription
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74AC192 KODENSHI-KK74AC192 Datasheet
521Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74AC192 IKSEMICON-IN74AC192 Datasheet
382Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74ACT192 IKSEMICON-IN74ACT192 Datasheet
497Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74HC192A IKSEMICON-IN74HC192A Datasheet
244Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC192A KODENSHI-KK74HC192A Datasheet
360Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
Integral Corp.
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
System Logic Semiconductor
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
NXP Semiconductors
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
Motorola, Inc
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz