Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74ACT164 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74ACT164
Description  8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT164 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74ACT164 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT164 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT164 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT164 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT164 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT164 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74ACT164
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
145
125
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
4.0
11.0
3.5
13.0
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.0
10.0
2.5
11.5
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
2.5
10.0
2.0
11.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
35
pF
TIMING REQUIREMENTS (VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
tsu
Minimum Setup Time, A1 or A2 to Clock
(Figure 3)
2.0
2.5
ns
th
Minimum Hold Time, Clock to A1 or A2
(Figure 3)
2.0
2.0
ns
tw
Minimum Pulse Width, Clock or Reset
(Figures 1,2)
5.0
6.0
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
0
0
ns
4


Similar Part No. - KK74ACT164

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT161 KODENSHI-KK74ACT161 Datasheet
351Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74ACT161D KODENSHI-KK74ACT161D Datasheet
351Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74ACT161N KODENSHI-KK74ACT161N Datasheet
351Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163D KODENSHI-KK74ACT163D Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT164

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC164 KODENSHI-KK74AC164 Datasheet
269Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC164 IKSEMICON-IN74AC164 Datasheet
190Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
IN74ACT164 IKSEMICON-IN74ACT164 Datasheet
248Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC164 INTEGRAL-IN74HC164 Datasheet
96Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register, High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC164A KODENSHI-KK74HC164A Datasheet
322Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166A IKSEMICON-IN74HC166A Datasheet
193Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC165A KODENSHI-KK74HC165A Datasheet
277Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC165 INTEGRAL-IN74HC165 Datasheet
131Kb / 7P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com