Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74ACT163 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74ACT163
Description  Presettable Counters High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT163 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74ACT163 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT163 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT163 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT163 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT163 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT163 Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74ACT163 Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74ACT163 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KK74ACT163
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C
-40
°C to
85
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
0.8
0.8
0.8
0.8
V
VOH
Minimum High-
Level Output Voltage
IOUT ≤ -50 µA
4.5
5.5
4.4
5.4
4.4
5.4
V
*V
IN=VIH or VIL
IOH=-24 mA
IOH=-24 mA
4.5
5.5
3.86
4.86
3.76
4.76
VOL
Maximum Low-
Level Output Voltage
IOUT ≤ 50 µA
4.5
5.5
0.1
0.1
0.1
0.1
V
*V
IN= VIH or VIL
IOL=24 mA
IOL=24 mA
4.5
5.5
0.36
0.36
0.44
0.44
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
∆I
CCT
Additional Max.
ICC/Input
VIN=VCC - 2.1 V
5.5
1.5
mA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
8.0
80
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.
3


Similar Part No. - KK74ACT163

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT161 KODENSHI-KK74ACT161 Datasheet
351Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74ACT161D KODENSHI-KK74ACT161D Datasheet
351Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74ACT161N KODENSHI-KK74ACT161N Datasheet
351Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74ACT164 KODENSHI-KK74ACT164 Datasheet
572Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
KK74ACT164D KODENSHI-KK74ACT164D Datasheet
572Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT163

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT163 IKSEMICON-IN74ACT163 Datasheet
330Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
Motorola, Inc
MC54HCT161A MOTOROLA-MC54HCT161A Datasheet
255Kb / 12P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
IK Semicon Co., Ltd
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC163A KODENSHI-KK74HC163A Datasheet
302Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT163 SLS-SL74HCT163 Datasheet
127Kb / 9P
   Presettable Counters(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT163A IKSEMICON-IN74HCT163A Datasheet
287Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC161A KODENSHI-KK74HC161A Datasheet
308Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HCT163A KODENSHI-KK74HCT163A Datasheet
299Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com