Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74ACT161 Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KK74ACT161
Description  Presettable Counter High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74ACT161 Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  KK74ACT161 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 9Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL DATA
KK74ACT161
Presettable Counter
High-Speed Silicon-Gate CMOS
The KK74ACT161 is identical in pinout to the LS/ALS161,
HC/HCT161. The KK74ACT161 may be used as a level converter for
interfacing TTL or NMOS outputs to High Speed CMOS Inputs.
The KK74ACT161 is programmable 4-bit synchronous modulo-16
counter that feature parallel Load, asynchronous Reset, a Carry Output for
cascading and count-enable controls.
The KK74ACT161 is binary counter with asynchronous Reset.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25° C
• Outputs Source/Sink 24 mA
ORDERING INFORMATION
KK74ACT161N Plastic
KK74ACT161D SOIC
TA = -40° to 85° C for all packages
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Outputs
Reset
Load
Enable
P
Enable
T
Clock
Q0
Q1
Q2
Q3
Function
L
X
X
X
X
L
L
L
L
Reset to “0”
H
L
X
X
P0
P1
P2
P3
Preset Data
H
H
X
L
No change
No count
H
H
L
X
No change
No count
H
H
H
H
Count up
Count
H
X
X
X
No change
No count
PIN ASSIGNMENT
X=don’t care
P0,P1,P2,P3 = logic level of Data inputs
Ripple Carry Out = Enable T
• Q0 • Q1 • Q2 • Q3
1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn