Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74ACT161 Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK74ACT161
Description  Presettable Counter High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74ACT161 Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

  KK74ACT161 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 9Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KK74ACT161
TIMING REQUIREMENTS (VCC=5.0V±10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limit
Symbol
Parameter
+25
° C
-40
° C
to +85
° C
Unit
tSU
Minimum Setup Time, Preset Data Inputs to
Clock (Figure 4)
9.5
11.5
ns
th
Minimum Hold Time, Clock to Preset Data Inputs
(Figure 4)
0
0
ns
tSU
Minimum Setup Time,Load to Clock (Figure 4)
8.5
9.5
ns
th
Minimum Hold Time, Clock to Load (Figure 4)
-0.5
-0.5
ns
tSU
Minimum Setup Time, Enable T or Enable P to
Clock (Figure 5)
5.5
6.5
ns
th
Minimum Hold Time, Clock to Enable T or
Enable P (Figure 5)
0
0
ns
tw
Minimum Pulse Width, Clock (Load) (Figure 1)
3.0
3.5
ns
tw
Minimum Pulse Width, Clock (Count)(Figure 1)
3.0
3.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.0
7.5
ns
trec
Minimum Recovery Time, Reset to Clock (Figure
2)
0
0.5
ns
5


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn