Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74ACT161 Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK74ACT161
Description  Presettable Counter High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74ACT161 Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

  KK74ACT161 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74ACT161 Datasheet HTML 9Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KK74ACT161
AC ELECTRICAL CHARACTERISTICS (VCC=5.0V±10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
115
100
MHz
tPLH
Propagation Delay Clock to Q (Figure 1)
1.5
9.5
1.5
10.5
ns
tPHL
Propagation Delay Clock to Q (Figure 1)
1.5
10.5
1.5
11.5
ns
tPLH
Propagation Delay, Clock to Ripple Cary Out
(Figure 1)
2.0
11.0
1.5
12.5
ns
tPHL
Propagation Delay, Clock to Ripple Cary Out
(Figure 1)
1.5
12.5
1.5
13.5
ns
tPLH
Propagation Delay, Enable T to Ripple Carry
Out (Figure 3)
1.5
8.5
1.5
10.0
ns
tPHL
Propagation Delay, Enable T to Ripple Carry
Out (Figure 3)
1.5
9.5
1.5
10.5
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
1.5
10.0
1.5
11.0
ns
tPHL
Propagation Delay, Reset to Ripple Cary Out
(Figure 2)
2.5
13.5
2.0
14.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn