Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KK74ACT32 Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK74ACT32
Description  Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

KK74ACT32 Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK74ACT32
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input A or B to
Output Y (Figure 1)
1.0
9.0
1.0
10.0
ns
tPHL
Propagation Delay, Input A or B to
Output Y (Figure 1)
1.0
9.0
1.0
10.0
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
20
pF
Figure 1. Switching Waveforms
4


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn