Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74ACT27 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74ACT27
Description  Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT27 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74ACT27 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT27 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT27 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT27 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT27 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74ACT27
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =4.5 V
VCC =5.5 V
0
0
10
8.0
ns/V
* V
IN
from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74ACT27

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT273DW KODENSHI-KK74ACT273DW Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT273N KODENSHI-KK74ACT273N Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT27

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC27 IKSEMICON-IN74AC27 Datasheet
158Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC27 KODENSHI-KK74AC27 Datasheet
213Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT27 IKSEMICON-IN74ACT27 Datasheet
158Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
IW4025B IKSEMICON-IW4025B Datasheet
150Kb / 5P
   Triple 3-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4025B KODENSHI-KK4025B Datasheet
224Kb / 5P
   Triple 3-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI1-CD54HC27_14 Datasheet
612Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NOR Gate
logo
KODENSHI_AUK CORP.
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com