Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74AC651 Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK74AC651
Description  Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74AC651 Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

  KK74AC651 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74AC651 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74AC651 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74AC651 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74AC651 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74AC651 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74AC651 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74AC651 Datasheet HTML 8Page - KODENSHI KOREA CORP. KK74AC651 Datasheet HTML 9Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KK74AC651
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, A or B Data Port to A-
to-B Clock or B-to-A Clock (Figure 7)
5.0
7.0
8.0
ns
th
Minimum Hold Time, A-to-B Clock or
B-to-A Clock to A or B Data Port (Figure 7)
5.0
2.5
2.5
ns
tw
Minimum Pulse Width, A-to-B Clock or
B-to-A Clock (Figure 7)
5.0
6.0
7.0
ns
TIMING DIAGRAM
5


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn