Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC374 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74AC374
Description  Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC374 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74AC374 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC374 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC374 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC374 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC374 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC374 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74AC374
AC ELECTRICAL CHARACTERISTICS (CL=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
60
100
60
100
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
3.0
2.5
13.5
9.5
1.5
1.5
15.5
10.5
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
2.5
2.0
12.5
9.0
2.0
1.5
14.0
10.0
ns
tPZH
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
3.0
2.0
11.5
8.5
1.5
1.0
13.0
9.5
ns
tPZL
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
2.5
2.0
11.5
8.5
1.5
1.0
13.0
9.5
ns
tPHZ
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
3.0
2.0
12.5
11.0
2.0
2.0
14.5
12.5
ns
tPLZ
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
2.0
1.5
11.5
8.5
1.0
1.0
12.5
10.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
80
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS (CL=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time,Data to Clock
(Figure 3)
3.3
5.0
5.5
4.0
6.0
4.5
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
3.3
5.0
1.0
1.5
1.0
1.5
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
5.5
4.0
6.0
4.5
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
4


Similar Part No. - KK74AC374

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC373 KODENSHI-KK74AC373 Datasheet
353Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
KK74AC373DW KODENSHI-KK74AC373DW Datasheet
353Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
KK74AC373N KODENSHI-KK74AC373N Datasheet
353Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC374

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT374 INTEGRAL-IN74ACT374 Datasheet
226Kb / 5P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT374 KODENSHI-KK74ACT374 Datasheet
344Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC374 IKSEMICON-IN74AC374 Datasheet
252Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC374 INTEGRAL-IN74AC374 Datasheet
205Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT374 IKSEMICON-IN74ACT374 Datasheet
331Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT574 KODENSHI-KK74ACT574 Datasheet
341Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC374A INTEGRAL-IN74HC374A Datasheet
115Kb / 5P
   Octal 3-State Noninverting D Flip-Flop (High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com