Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74AC323 Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK74AC323
Description  8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

KK74AC323 Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KK74AC323
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Mode Select S1 or S2
to Clock (Figure 4)
3.3
5.0
8.0
5.0
8.5
5.5
ns
tsu
Minimum Setup Time, Data Inputs PA thru PH
to Clock (Figure 4)
3.3
5.0
5.5
3.5
6.0
4.0
ns
tsu
Minimum Setup Time, Data Inputs SA, SH to
Clock (Figure 4)
3.3
5.0
6.5
4.0
7.0
4.5
ns
tsu
Minimum Setup Time, Reset to Clock (Figure
2)
3.3
5.0
6.5
4.0
7.0
4.5
ns
th
Minimum Hold Time, Clock to Mode Select
S1 or S2 (Figure 4)
3.3
5.0
0.5
1.0
0.5
1.0
ns
th
Minimum Hold Time, Clock to Data Inputs PA
thru PH (Figure 4)
3.3
5.0
0
1.0
0
1.0
ns
th
Minimum Hold Time, Clock to Data Inputs
SA, SH (Figure 4)
3.3
5.0
0
1.0
0.5
1.0
ns
th
Minimum Hold Time, Clock to Reset (Figure
2)
3.3
5.0
0
1.0
0
1.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
4.5
3.5
5.0
3.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.3
5.0
4.5
3.5
5.0
3.5
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
5


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn