Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74AC323 Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK74AC323
Description  8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

KK74AC323 Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KK74AC323
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
90
130
80
105
MHz
tPLH
Propagation Delay, Clock to QA’ or QH
(Figure 1)
3.3
5.0
8.5
5.5
20.5
14.0
7.0
4.5
22.0
15.0
ns
tPHL
Propagation Delay, Clock to QA’ or QH
(Figure 1)
3.3
5.0
8.5
5.5
21.5
14.5
7.0
5.0
23.0
16.0
ns
tPLH
Propagation Delay, Clock to QA thru QH
(Figure 1)
3.3
5.0
9.0
6.0
20.5
14.5
7.5
5.0
22.5
16.0
ns
tPHL
Propagation Delay, Clock to QA thru QH
(Figure 1)
3.3
5.0
10.0
6.5
23.0
16.0
8.5
6.0
24.5
17.5
ns
tPZH
Propagation Delay , OE1, OE2 to QA thru QH
(Figure 3)
3.3
5.0
7.0
4.5
18.0
12.5
6.0
4.0
19.5
13.5
ns
tPZL
Propagation Delay , OE1, OE2 to QA thru QH
(Figure 3)
3.3
5.0
7.0
5.0
18.0
12.5
6.0
4.0
20.5
14.0
ns
tPHZ
Propagation Delay , OE1, OE2 to QA thru QH
(Figure 3)
3.3
5.0
6.5
3.5
18.5
14.0
5.5
3.0
19.5
15.0
ns
tPLZ
Propagation Delay , OE1, OE2 to QA thru QH
(Figure 3)
3.3
5.0
5.5
3.5
17.0
12.5
4.5
2.0
19.0
13.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
170
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn