Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC253 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74AC253
Description  Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC253 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74AC253 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC253 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC253 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC253 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC253 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC253 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74AC253
Dual 4-Input Data Selector/Multiplexer
with 3-State Otputs
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74AC253N Plastic
KK74AC253D SOIC
TA = -40° to 85° C for all packages
The
KK74AC253
is
identical
in
pinout
to
the
LS/ALS253,
HC/HCT253. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS outputs.
The Address Inputs select one of four Data Inputs from each
multiplexer. Each multiplexer has an active-low Output Enable control
and a three-state noninverting output.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Output
A1
A0
Output
Enable
Y
X
X
H
Z
L
L
L
D0
L
H
L
D1
H
L
L
D2
H
H
L
D3
D0,D1...D3=the level of the respective
Data Input
Z = high impedance
X = don’t care
1


Similar Part No. - KK74AC253

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC251 KODENSHI-KK74AC251 Datasheet
648Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74AC251D KODENSHI-KK74AC251D Datasheet
648Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74AC251N KODENSHI-KK74AC251N Datasheet
648Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74AC257 KODENSHI-KK74AC257 Datasheet
278Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74AC257D KODENSHI-KK74AC257D Datasheet
278Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC253

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC253 IKSEMICON-IN74AC253 Datasheet
235Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC253 INTEGRAL-IN74AC253 Datasheet
196Kb / 5P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT253 IKSEMICON-IN74ACT253 Datasheet
315Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT253 KODENSHI-KK74ACT253 Datasheet
326Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
KK74HC253A KODENSHI-KK74HC253A Datasheet
240Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC253A IKSEMICON-IN74HC253A Datasheet
221Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC253 SLS-SL74HC253 Datasheet
49Kb / 5P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
logo
Integral Corp.
IN74ACT253 INTEGRAL-IN74ACT253 Datasheet
220Kb / 5P
   DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OTPUTS
logo
IK Semicon Co., Ltd
IN74AC153 IKSEMICON-IN74AC153 Datasheet
229Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC153 KODENSHI-KK74AC153 Datasheet
322Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com