Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC244 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74AC244
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC244 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74AC244 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC244 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC244 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC244 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC244 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK74AC244
AC ELECTRICAL CHARACTERISTICS (CL=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A to YA or B to YB
(Figure 1)
3.3
5.0
2.0
1.5
9.0
7.0
1.5
1.0
10.0
7.5
ns
tPHL
Propagation Delay, A to YA or B to YB
(Figure 1)
3.3
5.0
2.0
1.5
9.0
7.0
2.0
1.0
10.0
7.5
ns
tPZH
Propagation Delay, Output Enable to YA or
YB (Figure 2)
3.3
5.0
2.0
1.5
10.5
7.0
1.5
1.5
11.0
8.0
ns
tPZL
Propagation Delay, Output Enable to YA or
YB (Figure 2)
3.3
5.0
2.5
1.5
10.0
8.0
2.0
1.5
11.0
8.5
ns
tPHZ
Propagation Delay, Output Enable to YA or
YB (Figure 2)
3.3
5.0
3.0
2.5
10.0
9.0
1.5
1.0
10.5
9.5
ns
tPLZ
Propagation Delay, Output Enable to YA or
YB (Figure 2)
3.3
5.0
2.5
2.0
10.5
9.0
2.5
2.0
11.5
9.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4


Similar Part No. - KK74AC244

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC240 KODENSHI-KK74AC240 Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC240DW KODENSHI-KK74AC240DW Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC240N KODENSHI-KK74AC240N Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC241 KODENSHI-KK74AC241 Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC241DW KODENSHI-KK74AC241DW Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC244

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC244 INTEGRAL-IN74AC244 Datasheet
159Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74AC241 INTEGRAL-IN74AC241 Datasheet
167Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT241 KODENSHI-KK74ACT241 Datasheet
294Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74ACT244 KODENSHI-KK74ACT244 Datasheet
283Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC241 IKSEMICON-IN74AC241 Datasheet
216Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT244 IKSEMICON-IN74ACT244 Datasheet
270Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT241 IKSEMICON-IN74ACT241 Datasheet
273Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC241 KODENSHI-KK74AC241 Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC244 IKSEMICON-IN74AC244 Datasheet
213Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT241A KODENSHI-KK74HCT241A Datasheet
239Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com