Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74AC193 Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK74AC193
Description  Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74AC193 Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

  KK74AC193 Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74AC193 Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74AC193 Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74AC193 Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74AC193 Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74AC193 Datasheet HTML 6Page - KODENSHI KOREA CORP. KK74AC193 Datasheet HTML 7Page - KODENSHI KOREA CORP. KK74AC193 Datasheet HTML 8Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KK74AC193
TIMING REQUIREMENTS (CL=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Pn to PL (Figure 7)
3.3
5.0
9
6
10
7
ns
th
Minimum Hold Time, PL to Pn (Figure 7)
3.3
5.0
-1.0
-1.0
0
0
ns
tw
Minimum Pulse Width, PL (Figure 4)
3.3
5.0
17
12
21
13
ns
tw
Minimum Pulse Width, CPU or CPD
(Figure 1)
3.3
5.0
11
8
12
9
ns
tw
Minimum Pulse Width, MR (Figure 5)
3.3
5.0
14
10
16
12
ns
trec
Minimum Recovery Time, PL to CPU or CPD
(Figure 5)
3.3
5.0
9
12
10
13
ns
trec
Minimum Recovery Time, MR to CPU or CPD
(Figure 5)
3.3
5.0
17
12
21
14
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn