Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC192 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74AC192
Description  Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC192 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74AC192 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC192 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC192 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC192 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC192 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC192 Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74AC192 Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74AC192 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KK74AC192
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C
-40
°C to
85
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
3.0
4.5
5.5
2.1
3.15
3.85
2.1
3.15
3.85
V
VIL
Maximum Low -Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
3.0
4.5
5.5
0.9
1.35
1.65
0.9
1.35
1.65
V
VOH
Minimum High-Level
Output Voltage
IOUT ≤ -50 µA
3.0
4.5
5.5
2.9
4.4
5.4
2.9
4.4
5.4
V
*V
IN=VIH or VIL
IOH=-12 mA
IOH=-24 mA
IOH=-24 mA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
VOL
Maximum Low-Level
Output Voltage
IOUT ≤ 50 µA
3.0
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
*V
IN=VIH or VIL
IOL=12 mA
IOL=24 mA
IOL=24 mA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
IIN
Maximum Input Leakage
Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
8.0
80
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.
Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC
FUNCTION TABLE
Inputs
Mode
MR
PL
CPU
CPD
H
X
X
X
Reset(Asyn.)
L
L
X
X
Preset(Asyn.)
L
H
H
No Count
L
H
H
Count Up
L
H
H
Count Down
L
H
H
No Count
The KK74AC192 can be preset to any state, but
will not count beyond 9. If preset to state 10, 11, 12, 13,
14 or 15, it will follow the sequence 10, 11, 6: 12, 13, 4:
14, 15, 2 if counting Up, and follow the sequence 15, 14,
13, 12, 11, 10, 9 if counting Down.
Logic equations
For Terminal Count:
TCU = Q0 • Q3 • CPU
TCD = Q0 • Q1 • Q2 • Q3 • CPD
X = don’t care
3


Similar Part No. - KK74AC192

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC193 KODENSHI-KK74AC193 Datasheet
521Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74AC193D KODENSHI-KK74AC193D Datasheet
521Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74AC193N KODENSHI-KK74AC193N Datasheet
521Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC192

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT192 KODENSHI-KK74ACT192 Datasheet
508Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC192 IKSEMICON-IN74AC192 Datasheet
382Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74ACT192 IKSEMICON-IN74ACT192 Datasheet
497Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC192A KODENSHI-KK74HC192A Datasheet
360Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC192A IKSEMICON-IN74HC192A Datasheet
244Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com