Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC163 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74AC163
Description  Presettable Counters High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC163 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74AC163 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC163 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC163 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC163 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC163 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC163 Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74AC163 Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74AC163 Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74AC163 Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KK74AC163
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
70
110
60
95
MHz
tPLH
Propagation Delay Clock to Q (Figure 1)
3.3
5.0
2.0
1.5
12.0
9.0
1.5
1.0
13.5
9.5
ns
tPHL
Propagation Delay Clock to Q (Figure 1)
3.3
5.0
1.5
1.5
12.5
9.5
1.5
1.5
13.0
10.0
ns
tPLH
Propagation Delay, Clock to Ripple Cary Out
(Figure 1)
3.3
5.0
3.0
2.0
15.0
10.5
2.5
1.5
16.5
11.5
ns
tPHL
Propagation Delay, Clock to Ripple Cary Out
(Figure 1)
3.3
5.0
3.5
2.0
14.0
11.0
2.5
2.0
15.5
11.5
ns
tPLH
Propagation Delay, Enable T to Ripple Carry
Out (Figure 2)
3.3
5.0
2.0
1.5
9.5
6.5
1.5
1.0
11.0
7.5
ns
tPHL
Propagation Delay, Enable T to Ripple Carry
Out (Figure 2)
3.3
5.0
2.5
2.0
11.0
8.5
2.0
1.5
12.5
9.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
4


Similar Part No. - KK74AC163

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC161 KODENSHI-KK74AC161 Datasheet
357Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74AC161D KODENSHI-KK74AC161D Datasheet
357Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74AC161N KODENSHI-KK74AC161N Datasheet
357Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74AC164 KODENSHI-KK74AC164 Datasheet
269Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
KK74AC164D KODENSHI-KK74AC164D Datasheet
269Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC163

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT163 IKSEMICON-IN74ACT163 Datasheet
330Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
Motorola, Inc
MC54HCT161A MOTOROLA-MC54HCT161A Datasheet
255Kb / 12P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
IK Semicon Co., Ltd
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC163A KODENSHI-KK74HC163A Datasheet
302Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT163 SLS-SL74HCT163 Datasheet
127Kb / 9P
   Presettable Counters(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT163A IKSEMICON-IN74HCT163A Datasheet
287Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC161A KODENSHI-KK74HC161A Datasheet
308Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HCT163A KODENSHI-KK74HCT163A Datasheet
299Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com